PART |
Description |
Maker |
6901-180 |
Connector assemblies, Phono Audio/RF/Video cables; Cable Length:15ft; Approval Bodies:CE; Body Material:Brass; Color:Red and White RoHS Compliant: Yes 1 CONTACT(S), MALE, COMBINATION LINE CONNECTOR, PLUG
|
Pomona Electronics
|
M706-5400546 |
Audio Connector, 3.5mm Horizontal PC Tail Phono Jack Socket, internal metal bushing 3.5 MM AUDIO CONNECTOR, JACK
|
Harwin PLC
|
2249-C-48 2249-E-240 2249-C-12 2249-C-96 2249-K-12 |
Pomona Stress Relieved/BNCCable Assemblies, Color: Black, Length: 48 , Contact Plating: Nickel, Contact Material: Brass, Features: BNC to BNC, weatherproof molded construction, ideal for use with test instruments INTERCONNECTION DEVICE Connector assemblies, RF Test; Connector Type A:BNC Male; Connector Type B:BNC Male; Cable Length:20ft; Approval Bodies:CE; Body Material:Brass; Contact Material:Brass; Features:75 Ohm impedance; For Use With:RG59B/U INTERCONNECTION DEVICE Connector assemblies, RF Test; Connector Type A:BNC Male; Connector Type B:BNC Male; Cable Length:1ft; Approval Bodies:CE; Body Material:Brass; Contact Material:Brass; For Use With:RG58C/U; Leaded Process Compatible:Yes INTERCONNECTION DEVICE Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes INTERCONNECTION DEVICE BNC (M), RG174/U INTERCONNECTION DEVICE BNC (M) RG223/U RoHS Compliant: Yes INTERCONNECTION DEVICE TEST , 50R RG58 2M
|
Pomona Electronics
|
TS80C31X2-MLCB TS80C31X2-MLBD TS80C31X2-MLAR TS80C |
8-bit CMOS Microcontroller ROMless Connector assemblies, DIN Audio/RF/Video cables; Connector Type A:5-pin Plug; Cable Length:6ft; Color:Gray; Wire Size (AWG):26 Connector assemblies, DIN Audio/RF/Video cables; Connector Type A:8-pin Plug; Cable Length:6ft; Color:Gray GT 24C 24#16 PIN PLUG GT 24C 24#16 SKT PLUG IC-8-BIT MCU 8位CMOS微控制器无ROM 8-bit CMOS Microcontroller ROMless(601.14 k) 8-bit CMOS Microcontroller ROMless 8-BIT, 30 MHz, MICROCONTROLLER, PQFP44
|
ATMEL Corporation Atmel Corp. 微控制器/微处理器 Atmel, Corp. http://
|
0609-0760 06090760 PEHA3000 06090801 PACA-3400 |
Description Assemblies and combinations Assemblies and combinations, Special circuit boards
|
Cherry Semiconductor Corporation Cherry Semiconductor Corpor... Cherry Semiconductor Co...
|
TMC22071AR1C |
Phono Plug; Leaded Process Compatible:Yes; Gender:Male; Number of Contacts:3 SPECIALTY CONSUMER CIRCUIT, PQCC68
|
Fairchild Semiconductor, Corp.
|
3220-36-2 3220-36-0 3220-60-0 3220-24-0 AL-B-24-3 |
MINI CL/BANANA PLUG (RED) RoHS Compliant: Yes INTERCONNECTION DEVICE Connector Assemblies, Test; Connector Type A:Banana Plug; Connector Type B:Minigator Clip; Cable Length:3ft RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
122506A |
Connector assemblies, Test; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
166.6885.5401 166.6885.5201 166.6885.5301 166.6885 |
Connector assemblies PREMIUM RS232 DATA CBL DB25 MALE - DB25 FEMALE EDQ MOLDED 25C 5 FT FF FK3用于额定电压80保险丝链
|
Littelfuse, Inc.
|
1812L050 1812L110 1812L260 1812L150 1812L160 1812L |
ENHANCED PATCH CORD, GREEN 7 FT. CAT5E 350MHZ PATCH CABLE 15FT, SNAGLESS, GREEN PTC的表面贴 ENHANCED PATCH CORD, GREEN 7 FT. PTC的表面贴 Connector assemblies, Network cables; Connector Type A:RJ45 Plug; Connector Type B:RJ45 Plug; Drop Ship:Yes Surface Mount PTC
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|